PART |
Description |
Maker |
LAPKIT-X88C75-SLIC |
Port Expander and E2 Memory
|
Xicor
|
MAX7300-14 |
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
|
Maxim Integrated Produc...
|
MAX7300ATI MAX7300ATL MAX730011 MAX7300AAI |
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
|
Maxim Integrated Products Maxim Integrated Produc...
|
STMPE610 STMPE610QTR |
S-Touch? advanced touchscreen controller with 6-bit port expander S-Touch垄芒: advanced touchscreen controller with 6-bit port expander
|
STMicroelectronics
|
MAX7300 MAX7300AAI MAX7300AAX MAX7300AGL MAX7300AN |
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander 2-Wire- Interfaced 20-Port and 28-Port I/O Expander
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
CXD1095Q |
CMOS I/O Port Expander
|
ETC
|
SA9205 |
6/3 X 8 PORT EXPANDER 6 / 3 × 8端口扩展
|
SAMES
|
PM8388 |
24-Port SAS Edge Expander
|
PMC-Sierra
|
TW2828 |
HD/SD DVR Video Port Expander
|
Intersil Corporation
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
MAX7322 MAX7320ATE MAX7321 MAX7323 |
I2C Port Expander with Eight Push-Pull Outputs
|
Maxim Integrated Products
|
MAX7316 |
10-Port I/O Expander with LED Intensity Control and Interrupt
|
Maxim Integrated Products MAXIM - Dallas Semiconductor
|